Part Number Hot Search : 
LC86323 LTC3851 NGAANUA A3515 BL8023 BAT54A HPL1005 ES51978Q
Product Description
Full Text Search
 

To Download BAT5406 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAT54 Series
Small signal Schottky diodes
Main product characteristics
IF VRRM C (typ) Tj (max) 300 mA 40 V 7 pF 150 C
SOD-323 SOD-123
BAT54ZFILM (Single)
BAT54JFILM (Single)
Features and benefits

Low conduction and reverse losses Negligible switching losses Low forward and reverse recovery times Extremely fast switching Surface mount device Low capacitance diode
SOT-23 SOD-523
BAT54KFILM (Single)
BAT54FILM (Single) BAT54AFILM (Common anode) BAT54SFILM (Series) BAT54CFILM (Common cathode)
Description
The BAT54 series uses 40 V Schottky barrier diodes packaged in SOD- 23, SOD-323, SOD-523, SOT-23, SOT-323, or SOT-666.
Order codes
Part Number BAT54FILM BAT54SFILM BAT54CFILM BAT54AFILM BAT54WFILM BAT54SWFILM BAT54CWFILM BAT54AWFILM BAT54JFILM BAT54KFILM BAT54-07P6FILM BAT54-09P6FILM BAT54ZFILM Marking D86 D88 D87 D84 D73 D78 D77 D74 86 86 P4 Q4 D72
SOT-666
BAT54WFILM (Single) BAT54CWFILM (Common cathode) BAT54AWFILM (Common anode) BAT54SWFILM (Series)
SOT-323
BAT54-07P6FILM (2 parallel diodes) BAT54-09P6FILM (2 opposite diodes)
Configurations in top view
July 2006
Rev 9
1/13
www.st.com
Characteristics
BAT54 Series
1
Table 1.
Symbol VRRM IF IFSM Tstg Tj TL
Characteristics
Absolute ratings (limiting values at Tj = 25 C, unless otherwise specified)
Parameter Repetitive peak reverse voltage Continuous forward current Surge non repetitive forward current Storage temperature range Operating junction temperature range Maximum soldering temperature tp = 10 ms Sinusoidal Value 40 300 1 -65 to +150 -40 to +150 260 Unit V mA A C C C
Table 2.
Symbol
Thermal parameters
Parameter SOT-23, SOD-123 Value 500 C/W SOT-323, SOD-323, SOD-523, SOT-666 550 600 Unit
Rth(j-a)
Junction to ambient(1)
1. Epoxy printed circuit board with recommended pad layout
Table 3.
Symbol IR(1)
Static electrical characteristics
Parameter Reverse leakage current Test conditions Tj = 25 C Tj = 100 C VR = 30 V IF = 0.1 mA IF = 1 mA Min. Typ Max. 1 A 100 240 320 400 500 900 mV Unit
VF(2)
Forward voltage drop
Tj = 25 C
IF = 10 mA IF = 30 mA IF = 100 mA
1. Pulse test: tp = 5 ms, < 2 % 2. Pulse test: tp = 380 s, < 2 %
Table 4.
Symbol C trr
Dynamic characteristics
Parameter Diode capacitance Reverse recovery time Test conditions VR = 1 V, F = 1 MHz IF = 10 mA, IR = 10 mA, Tj = 25 C Irr = 1 mA, RL = 100 Min. Typ 7 Max. 10 5 Unit pF ns
2/13
BAT54 Series
Characteristics
Figure 1.
Average forward power dissipation Figure 2. versus average forward current
0.35
=0.05 =0.2 =0.1 =0.5 =1
Average forward current versus ambient temperature ( = 1)
0.35 0.30 0.25 0.20 0.15 0.10 0.05
P(W)
IF(AV)(A)
0.30 0.25 0.20 0.15
T
0.10 0.05
tp
T
IF(AV)(A)
=tp/T
0.20 0.25 0.30
=tp/T
0 25
tp
T amb (C)
0.00 0.00
0.00
0.05 0.10 0.15 0.35
50
75
100
125
150
Figure 3.
Reverse leakage current versus reverse applied voltage (typical values)
Figure 4.
Reverse leakage current versus junction temperature
1.E+02
IR(A)
Tj=100C
IR[T j] / IR[T j=25C]
1.E+04
VR=3V
1.E+01
1.E+03
1.E+02
1.E+00
Tj=50C
1.E+01
1.E-01
Tj=25C
1.E+00
VR(V)
T j(C)
1.E-01
1.E-02 0
5
10
15
20
25
30
0
25
50
75
100
125
150
Figure 5.
Junction capacitance versus reverse applied voltage (typical values)
F=1MHz VOSC=30mVRMS Tj=25C
Figure 6.
Forward voltage drop versus forward current (typical values)
10
C(pF)
1.E+00
IFM(A)
Tj=100C
1.E-01
1.E-02
Tj=50C Tj=25C
1.E-03
VR(V)
Tj=-40 C
1 1 10 100
1.E-04 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3
VFM(V)
3/13
Characteristics
BAT54 Series
Figure 7.
Thermal resistance junction to ambient versus copper surface under each lead - epoxy FR4 with recommended pad layout, eCU = 35 m (SOD-323)
Epoxy FR4 eCU=35 m
Figure 8.
Relative variation of thermal impedance junction to ambient versus pulse duration - epoxy FR4 with recommended pad layout, eCU = 35 m (SOD-323)
Single pulse SOD323
600
Rth(j-a) (C/W)
1.E+00
Zth(j-a) /Rth(j-a)
500
1.E-01
400
1.E-02
300
SCU(mm)
Epoxy FR4 SCU=2.25 mm eCU=35 m
tP(s)
200 0 5 10 15 20 25 30 35 40 45 50
1.E-03 1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Figure 9.
Relative variation of thermal impedance junction to ambient versus pulse duration aluminium oxide substrate 10 mm x 8 mm x 0.5 mm (SOT-23)
Single pulse SOT23
Figure 10. Relative variation of thermal impedance junction to ambient versus pulse duration - epoxy FR4 with recommended pad layout, eCU = 35 m (SOD-523)
1.E+00
Zth(j-a) /Rth(j-a)
Single pulse SOD523
1.E+00
Zth(j-a) /Rth(j-a)
1.E-01
1.E-01
1.E-02
Alumine substrate 10 x 8 x 0.5 mm
tP(s)
tP(s)
Epoxy FR4 eCU=35 m
1.E-02 1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E-03 1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Figure 11. Relative variation of thermal impedance junction to ambient versus pulse duration - epoxy FR4 with recommended pad layout, eCU = 35 m (SOT-666)
1.E+00
Zth(j-a) /Rth(j-a)
Single pulse SOT666
1.E-01
tP(s)
Epoxy FR4 eCU=35 m
1.E-02 1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
4/13
BAT54 Series
Ordering information scheme
2
Ordering information scheme
BAT54
Signal Schottky diodes VRRM = 40 V Configuration No letter = Single diode A = Common anode C = Common cathode S = Series diodes 07 = Parallel diodes 09 = Opposite diodes Package Blank = SOT-23 J = SOD-323 W = SOT-323 K = SOD-523 P6 = SOT-666 Z = SOD-123 Packing FILM = Tape and reel
xx
xx FILM
5/13
Package information
BAT54 Series
3
Package information
Epoxy meets UL94, V0 Table 5. SOD-123 dimensions
Dimensions Ref.
H A2 A1 b E
Millimeters Min. Max. 1.45 0 0.85 0.1 1.35 0
Inches Min. Max. 0.057 0.004 0.053
A A1
D
A
A2 b
0.033
0.55 Typ. 0.15 Typ. 2.55 1.4 0.25 3.55 3.95 2.85 1.7
0.022 Typ. 0.039 Typ. 0.1 0.055 0.01 0.14 0.156 0.112 0.067
c
c D E
G
G H
Figure 12. SOD-123 footprint (dimensions in mm)
4.45
0.65
0.97
2.51
0.97
6/13
BAT54 Series Table 6. SOD-323 dimensions
Package information
Dimensions Ref.
H b E A1
Millimeters Min. Max. 1.17 0 0.25 0.1 1.52 1.11 2.3 0.1 0.1 0.1 0.44 0.25 1.8 1.45 2.7 0.46 0.41 0
Inches Min. Max. 0.046 0.004 0.017 0.01 0.071 0.057 0.106 0.02 0.016
A A1
D A
b c
0.01 0.004 0.06 0.044 0.09 0.004 0.004
c
Q1
D E
L
H L Q1
Figure 13. SOD-323 footprint (dimensions in mm)
3.20
0.54
1.06
1.08
1.06
7/13
Package information Table 7. SOD-523 dimensions
Dimensions
E 0.15 M C A B E1 B
BAT54 Series
Ref.
Millimeters Min. Typ. 0.60 1.60 1.20 0.80 Max. 0.70 1.70 1.30 0.90 0.35 0.20 0.20 0.25 0.20 Min. 0.020 0.059 0.043 0.028 0.010 0.003 0.006 0.004
Inches Typ. 0.024 0.063 0.047 0.031 Max. 0.028 0.067 0.051 0.035 0.014 0.008 0.008 0.010 0.008
2xb
D
A E
8
0.50 1.50 1.10 0.70 0.25 0.07 0.15 0.10
0.20 M C A B A R0.1
E1
A
SEATING PLANE
c C L 7
D b c
L1
L L1
Figure 14. SOD-523 footprint (dimensions in mm)
0.7 0.3 2
8/13
BAT54 Series Table 8. SOT-23 dimensions
Package information
Dimensions Ref.
A
E
Millimeters Min. Max. 1.4 0.1 0.51 0.18 3.04 1.05 2.1 1.6 2.75 0.6 typ. 0.35 0.65
Inches Min. 0.035 0 0.012 0.003 0.108 0.033 0.067 0.047 0.083 Max. 0.055 0.004 0.02 0.007 0.12 0.041 0.083 0.063 0.108
A A1
e B e1
D
0.89 0 0.3 0.085 2.75 0.85 1.7 1.2 2.1
B c
S A1
D e e1
L
H
c
E H L S
0.024 typ. 0.014 0.026
Figure 15. SOT-23 footprint (dimensions in mm)
0.95
0.61
1.26
0.73
3.25
9/13
Package information Table 9. SOT-323 dimensions
Dimensions
A
E
BAT54 Series
Ref.
Millimeters Min. Typ. Max. 1.1 0.1 0.4 0.26 2.0 1.25 0.65 1.8 0.1 0 2.1 0.2 2.4 0.3 30 0.071 0.004 0 2.2 1.35 Min. 0.031 0.0 0.010 0.004 0.071 0.045
Inches Typ. Max. 0.043 0.004 0.016 0.010 0.079 0.049 0.026 0.083 0.008 0.094 0.012 30 0.086 0.053
A
e b
D
0.8 0.0 0.25 0.1 1.8 1.15
A1 b c
A1
D E e
c H
L
H L q
Figure 16. SOT-323 footprint (dimensions in mm)
0.95
1.0
2.9
0.8
0.50
10/13
BAT54 Series Table 10. SOT-666 dimensions
Package information
Dimensions
b1 L1
Ref.
Millimeters Min. Typ. Max. Min.
Inches Typ. Max. 0.024 0.007 0.013
L3 b
A A3 b
D E1
0.45 0.08 0.17 0.19 1.50 1.50 1.10 0.50 0.19 0.10 0.10 0.27
0.60 0.018 0.18 0.003 0.34 0.007
b1 D
0.34 0.007 0.011 0.013 1.70 0.059 1.70 0.059 1.30 0.043 0.020 0.007 0.30 0.004 0.004 0.012 0.067 0.067 0.051
A
E
L2 E A3
E1 e L1 L2
e
L3
Figure 17. SOT-666 footprint (dimensions in mm)
0.50
0.62
2.60
0.99
0.30
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
11/13
Ordering information
BAT54 Series
4
Ordering information
Part Number BAT54FILM BAT54SFILM BAT54CFILM BAT54AFILM BAT54WFILM BAT54SWFILM BAT54CWFILM BAT54AWFILM BAT54JFILM BAT54KFILM BAT54-07P6FILM BAT54-09P6FILM BAT54ZFILM Marking D86 D88 D87 D84 D73 D78 D77 D74 86 86 P4 Q4 D72 Package SOT-23 Single SOT-23 Serial SOT-23 Common cathode SOT-23 Common anode SOT-323 Single SOT-323 Serial SOT-323 Common cathode SOT-323 Common anode SOD-323 SOD-523 SOT-666 Parallel SOT-666 Opposite SOD-123 Weight 10 mg 10 mg 10 mg 10 mg 6 mg 6 mg 6 mg 6 mg 5 mg 1.4 mg 2.9 mg 2.9 mg 10 mg Base qty 3000 3000 3000 3000 3000 3000 3000 3000 3000 3000 3000 3000 3000 Delivery mode Tape and reel Tape and reel Tape and reel Tape and reel Tape and reel Tape and reel Tape and reel Tape and reel Tape and reel Tape and reel Tape and reel Tape and reel Tape and reel
5
Revision history
Date Jun-1999 24-Jul-2006 Revision 8 9 Last update. BAT54, A, C, S and BAT54J / W / AW / CW /SW datasheets merged. ECOPACK statement added. SOD123, SOD-523 and SOT-666 packages added. Description of Changes
12/13
BAT54 Series
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2006 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
13/13


▲Up To Search▲   

 
Price & Availability of BAT5406

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X